Part Number Hot Search : 
C254A CY8C3866 BR6010 C74VHC1 1A71B T523D L204317 CD4069CN
Product Description
Full Text Search
 

To Download 015-47-4103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/18/2010 please check www.molex.com for latest part information part number: 0015474103 status: active overview: cgrid__sl_products description: 2.54mm (.100") c-grid sl? single row, female, version g receptacle, 10 circuits documents: 3d model product specification ps-70430 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19880 ul e29179 general product family ffc/fpc connectors series 70430 overview cgrid__sl_products product name sl? physical circuits (loaded) 10 color - resin black contact position n/a durability (mating cycles max) 50 entry angle vertical flammability 94v-0 material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin polyester alloy number of rows 1 orientation vertical pc tail length (in) 0.130 in pc tail length (mm) 3.30 mm pcb retention none pcb thickness recommended (in) 0.062 in, 0.093 in pcb thickness recommended (mm) 1.60 mm, 2.40 mm packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 15 plating min: mating (m) 0.375 plating min: termination (in) 75 plating min: termination (m) 1.875 polarized to pcb n/a stackable yes temperature range - operating -40c to +105c termination interface: style idt or pierce wire/cable type ffc/fpc electrical current - maximum per contact 1a, 2a voltage - maximum 250v material info series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 70430 series mates with c-grid? locking headers and panel mounts application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # manual ribbon cable cutter hand tool 0638170100 tool kit for standard manual press ffc 0622007400 standard manual press for ffc 0622007800 tm-42? ffc and sl? termination kit 0622018700 tm-42? ffc and sl? press and termination kit for 110v applications 0622020800
old part number 70430-0324 reference - drawing numbers product specification ps-70430 sales drawing sda-70430-0316-0339 this document was generated on 05/18/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 015-47-4103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X